Part Number Hot Search : 
HR868 DBS156G 17F33 ICL71 HMC576 PS608R TEN06 97BCN8
Product Description
Full Text Search
 

To Download 1960004544 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 USB-4718
8-ch Thermocouple Input USB Module with 8-ch Isolated Digital Input Features
Supports USB 2.0 Supports voltage, current, and thermocouple inputs Bus-powered 8 thermocouple input channels 2,500 VDC isolation Supports 4 ~ 20 mA current input Detachable screw terminal on modules 8-ch isolated DI and 8-ch isolated DO Suitable for DIN-rail mounting One lockable USB cable for secure connection included
RoHS
2002/95/EC
COMPLIANT
Introduction
The USB-4700 series consists of true Plug & Play data acquisition devices. No more opening up your computer chassis to install boards-just plug in the module, then get the data. It's easy and efficient. USB-4718 offers 8 thermocouple inputs with 16-bit resolution, up to 0.1% input range accuracy. Portable design makes the USB-4718 suitable for the field research. Also the input channels can be set separately make it possible handling multiple types of sensor with only one USB-4718 module. Reliable and rugged enough for industrial applications, yet inexpensive enough for home projects, the USB-4718 is the perfect way to add measurement and control capability to any USB capable computer. The USB-4700 series is fully plug and play and easy to use. It obtains all required power from the USB port, so no external power connection is ever required.
Specifications
Analog Input
Accuracy Bandwidth 0.1% for voltage input 13.1 Hz @ 50 Hz, 15.72 Hz @ 60 Hz Channels 8 differential Ch. Independent Conf. Yes CMR @ 50/60 Hz 92 dB min. Resolution 16 bits Input Impedance 1.8 M lnput Range 0 ~ 15 mV, 0 ~ 50 mV, 0 ~ 100 mV, 0 ~ 500 mV, 0 ~ 1 V, 0 ~ 2.5 V, 0 ~ 20 mA, 4 ~ 20 mA lnput Types Thermocouple, mV, V, mA Sampling Rate 10 S/s (total) Span Drift 25 ppm/ C T/C Type and Temperature Ranges
J K T E 0 ~ 760 C 0 ~ 1370 C -100 ~ 400 C 0 ~ 1000 C R S B 500 ~ 1750 C 500 ~ 1750 C 500 ~ 1800 C
Isolated Digital Output
Channels Output Type Isolation Protection Output Voltage Sink Current Opto-isolator Response 8 Sink (NPN) 2,500 VDC 5 ~ 30 VDC, 1.1 A max./ total 200 mA max./channel 25 s
General
Bus Type I/O Connector Dimensions (Lx W x H) Power Consumption Watchdog Timer Operating Temperature Storage Temperature Storage Humidity USB 2.0 Onboard screw terminal 132 x 80 x 32 mm 100 mA @ 5 V 1.6 sec. (system) 0 ~ 60 C (32 ~ 140 F) (refer to IEC 68-2-1, 2) -20 ~ 70 C (-4 ~ 158 F) 5 ~ 95% RH non-condensing (refer to IEC 68-2-3)
TVS/ESD Protection Zero Drift
Built-in 0.3 V/ C
Ordering Information
USB-4718 1960004544 1960005788 8-ch Thermocouple Input USB Module Wallmount Bracket VESA Mount Bracket
Isolated Digital Input
Channels Input Voltage 8 Logic 0: 2 V max. Logic 1: 5 V min. (30 V max.) Isolation Protection 2,500 VDC Opto-isolator Response 25 s
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of 1960004544

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X